Part Number Hot Search : 
110A3 M8388 UDN298 GBPC1500 GBPC1500 RJH60D1 UBJ28 TA114E
Product Description
Full Text Search
 

To Download SDR0302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E12 series Low profile of only 2.5 mm Low inductance values RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
NT
SDR0302 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC Max. () I rms Max. (A) I sat Typ. (A)
SDR0302-1R0ML SDR0302-1R2ML SDR0302-1R5ML SDR0302-1R8ML SDR0302-2R2ML SDR0302-2R7ML SDR0302-3R3ML SDR0302-3R9ML SDR0302-4R7ML SDR0302-5R6ML SDR0302-6R8ML SDR0302-8R2ML SDR0302-100ML SDR0302-120ML SDR0302-150ML SDR0302-180ML SDR0302-220ML SDR0302-270ML SDR0302-330KL SDR0302-390KL SDR0302-470KL SDR0302-560KL SDR0302-680KL SDR0302-820KL SDR0302-101KL SDR0302-121KL SDR0302-151KL SDR0302-181KL SDR0302-221KL SDR0302-271KL SDR0302-331KL SDR0302-391KL SDR0302-471KL SDR0302-561KL SDR0302-681KL SDR0302-821KL SDR0302-102KL SDR0302-122KL
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0 1200.0

20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
20 22 23 23 22 22 23 24 18 18 18 16 18 15 20 18 23 23 20 24 23 18 24 24 40 40 38 45 40 45 40 40 42 43 43 45 40 40
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 0.252
125.0 100.0 95.0 85.0 75.0 72.0 68.0 50.0 45.0 42.0 40.0 35.0 34.0 33.0 32.0 28.0 22.0 20.0 18.0 18.0 17.0 16.0 14.0 12.0 10.0 10.0 9.0 8.5 8.0 7.0 6.0 5.5 5.0 4.8 4.3 4.0 3.2 3.0
0.06 0.07 0.07 0.08 0.09 0.10 0.11 0.12 0.15 0.16 0.18 0.20 0.25 0.28 0.40 0.46 0.66 0.75 0.85 1.12 1.27 1.45 1.85 2.10 2.85 3.20 4.60 5.00 5.70 8.60 10.00 10.80 14.30 16.00 18.00 22.50 26.00 30.00
2.100 2.000 1.900 1.800 1.650 1.500 1.400 1.300 1.200 1.100 1.000 0.900 0.800 0.750 0.650 0.580 0.520 0.480 0.420 0.380 0.360 0.340 0.300 0.280 0.260 0.220 0.200 0.185 0.170 0.150 0.130 0.120 0.105 0.095 0.085 0.080 0.070 0.060
2.700 2.500 2.300 2.000 1.850 1.700 1.600 1.500 1.350 1.300 1.200 1.050 0.900 0.850 0.800 0.750 0.650 0.550 0.500 0.450 0.400 0.350 0.320 0.300 0.280 0.250 0.230 0.210 0.190 0.170 0.150 0.140 0.130 0.120 0.110 0.100 0.090 0.080
General Specifications Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ........................................Ferrite DR Wire .............Enameled copper wire 130 Terminal.....................................Ag/Ni/Sn Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise ..................40 C max. at rated Irms Packaging ..................1000 pcs. per reel Product Dimensions
3.0 0.3 (.118 .012) MAX.
2.5 0.3 MAX. (.098 .012)
0.9 TYP. (.035)
2.8 0.3 MAX. (.110 .012)
Recommended Layout
3.0 (.118)
1.4 (.055)
0.8 (.031)
1.4 (.055)
Electrical Schematic
Typical Part Marking
START
1
4
DIMENSIONS: *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
MM (INCHES)
100
FINISH
SDR0302 Series - SMD Power Inductors
Packaging Specifications
178.0 (7.00) DIA. 2.0 0.5 (.079 .020)
12.5 (.492) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA.
13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER 4.0 (.157)
END START
10.0 (.394)
8 (.315)
100
100
100
100
DIMENSIONS:
2.8 (.110) 4.0 (.157)
NO COMPONENT COMPONENTS NO COMPONENT
MM (INCHES)
160 (6.299)
4000 (157.480)
390 (15.354)
USER DIRECTION OF FEED
QTY: 1000 PCS. PER REEL
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X